Part Number Hot Search : 
MAC16 RG4BC 8000G STPM1108 00035 STPM1108 00035 FM31272
Product Description
Full Text Search
 

To Download PMB2525 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the industrys highest performance gps receiver in the smallest package yet. h a m m e r h e a d i i delivers all the performance of its predecessor, while achieving a new benchmark for high performance positioning & navigation integration into mobile devices. u s i n g c h i p scale packaging ( cs p) technology, its size (3.59 x 3.75 mm 2 ) now offers possibilities of integration into the miniaturizing world of mobile handhelds. h a m m e r h e a d i i integrates a high performance a- g p s baseband processor and a low-noise g p s rf front end. it comes packed with new software features such as advanced multi-path mitigation that avoid large errors in urban environments caused by refected signal-in buildings and other structures. key features and benefts s ingle-chip minimizing board space ( < 50 mm 2 p c b area for complete a- g p s solution) advanced low-power 0.13 rf c mo s technology with smart power management real-time hardware correlator engine (fast acquisition and high sensitivity) high sensitivity, -160 dbm, enabling indoor and deep urban operation built-in voltage regulators supporting single-power supply source multiple-mode operation m s -based (calculation of position in mobile handset) m s -assisted (calculation of position in base station) autonomous (no assistance by network) enhanced autonomous (using four day assistance data) multiple protocol operation c ontrol plane (rrlp & rr c ) user plane ( s upl) a- g p s control software enables non disrupting call fow and ease integration s tandard compliant (exceeds requirements for 2.5 g and 3 g networks) C C C C C C specifcation -160 dbm sensitivity time-to-first fix (mobile-based) 1 second @ 5 m accuracy (cold start, -130 dbm) 2 m steady state accuracy reference frequencies: 10 C 40 mhz assistance data standards support umt s / gs m: 3 g pp t s 25.331, t s 44.031, and oma s upl c dma: 3 g pp2 c . s 0022-0-1 devices mobile phones s martphones pdas pnd (personal navigation devices) applications emergency assistance (e911, e112) navigation: point-to-point, poi, business fnder, real-time traffc information c hild safety and friend-fnder fleet and workforce management location g ames C C C product brief hammerhead tm ii pmb 2525 w w w . i n f i n e o n . c o m / g p s w w w . g l o b a l l o c a t e . c o m communication solutions note: the hammerhead trade mark is owned by g lobal locate, inc
product brief how to reach us: http://www.infneon.com published by infneon technologies ag 81726 munich, germany ? infneon technologies ag 2006. all rights reserved. legal disclaimer the information given in this product brief shall in no event be regarded as a guarantee of conditions or characteristics (beschaffenheitsgarantie). with respect to any examples or hints given herein, any typical values stated herein and/or any informa - tion regarding the application of the device, infneon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infneon technologies offce (www.infneon.com). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infneon technologies offce. infneon technologies c omponents may only be used in life- support devices or systems with the express written approval of infneon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. published by infneon technologies a g ordering no. b130-h8965-x-x-7600 printed in g ermany p s 0107.75 nb block diagram global lo ca te a-gp s c ontrol softwar e & third pa rt y lbs applic ation ce llular - host cp u 32 khz vc xo existing mobile phone platform host co ntrol interf ac e co rrelator engine & post proc esso r power management rf front-end serial po rt pll hammerhead saw -filter gp s antenn a standby c loc k reference cloc k product summary product sales code package hammerhead ii pmb 2525 sg -ufwlb-49 (3.59 x 3.75 mm 2 ) lead-free/halogen-free application examples personal navigation: never get lost again in foreign cities. your mobile phone is leading the way to your destination, whether you start indoors or outdoors. avoid being delayed in traffc jams by utilizing real-time traffc information. location-based s ervices: finding the way to points of interest simplifes your life. take the short way to restaurants in your neighborhood, the nearest gas station or metro station. use your lb s application indoors to start planning your trip before you get in your car. emergency assistance: a- g p s -enabled mobile telephones are in demand to allow accurate tracking of emergency calls placed from mobile telephones by the end of 2005. hammerhead ii will enable mobile users calling emergency telephone codes to provide emergency services with very accurate location information, both from indoors and outdoors. friend-finder and c hild- s afety: meeting with friends and family is now an easy task by sharing your personal location. keep an eye on the current position of your children and keep them away from dangerous places. advantages hammerhead ii is based on g lobal locate ip and state-of-the-art infneon rf c mo s ip and process technology. this ground breaking chip is the key for enabling location-based services such as emergency assistance and personal navigation in deep urban canyons, in moving vehicles, and indoors. hammerhead ii uses the proven host-based architecture pioneered by g l as the best ft for mobile devices as proven in mass market 2.5 g and 3 g devices shipping now. g l host-based architecture leverages some of the resources already existing in the mobile device without imposing a big c pu load (~ 3 C 6 mip s ) or any real time requirements. hammerhead ii uses standard serial communication interfaces with speeds as low as 38,400 bps. g lobal locates host-based architecture yields the lowest system cost solution as well as the smallest footprint without compromising performance. for fu rther information on the hammerhead product please contact g lobal locate (www.globallocate.com) or infneon technologies (www.infneon.com/gp s). c ost-optimized architecture for integration into mobile phones no additional external c pu or memory required both a- g p s control software and lb s (location based services) application executed on host c pu of cellular processor s erial host interface (uart, s pi or i 2 c) no additional t c xo required, uses host 32 khz standby clock & reference clock (10 to 40 mhz)


▲Up To Search▲   

 
Price & Availability of PMB2525

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X